Part Number Hot Search : 
ADG704 MPC9351D 24C1024 C548C LTC1235 PA3020NL AT24C08 R7S01612
Product Description
Full Text Search
 

To Download CX1612SB32000D0GEJZ1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rohs compliant features ? crystal unit for consumer products ? ultra-miniature and low profile (1.6 1.2 0.3mm) ? ceramic package ? reflow compatible applications ? digital electronics ? consumer products ? 1seg. tuner how to order cx1612sb 36000 series frequency load capacitance b0 6 pf d0 8 pf std. frequency stability g 15 10 - 6 std. operating temp. range frequency temp. stability ej - 10 to + 70 c 15 10 - 6 std. individual specification packaging (tape & reel 3000/ 1000 pcs./ reel) typical frequencies and part numbers frequency (khz) part number 32000.000 CX1612SB32000D0GEJZ1 36000.000 cx1612sb36000d0gejz1 38400.000 cx1612sb38400d0gejz1 40000.000 cx1612sb40000d0gejz1 48000.000 cx1612sb48000d0gejz1 specifications item symbol specification units remarks frequency range f _nom 26000 to 60000 khz overtone order ot fundamental D load capacitance cl 8 pf frequency stability f _tol 15 10 - 6 25 c 3 c motional series resistance r1 table 1 ohm drive level dl table 2 w operating temp. range t _use - 10 to + 70 c storage temp. range t _stg - 40 to + 85 c frequency temp. characteristics f _tem 15 10 - 6 freq. deviation from the value at 25 c ? please contact us for other specifications. table1 motional series resistance frequency range motional series resistance 26000 to 39999khz 150 max. 40000 to 49999khz 100 max. 50000 to 60000khz 50 max. table2 level of drive frequency range level of drive 26000 to 60000khz 10 w (100 w max.) 1.600.10 4?0.100.1 1.200.10 4?0.470.1 gnd (nc) gnd 0.300.05 4?r0.1 4?0.570.1 8?0.050.05 c 0.20 #4 #3 #1 #1 #4 #2 #4 #3 #1 #2 #2 #3 connection (top view) 0.120.05 dimensions (unit: mm) 0.55 0.65 0.65 0.5 1.15 0.3 0.85 0.55 recommended land pattern (unit: mm) crystal units surface mount type cx1612sb 1.6 1.2mm for consumer products


▲Up To Search▲   

 
Price & Availability of CX1612SB32000D0GEJZ1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X